Part Number Hot Search : 
TB1231CN D4148W DL05L KYW25K1 BU2500 TF44710A M319C MBB51D
Product Description
Full Text Search
 

To Download EPC1110HN2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ethernet DC/DC Converter
ELECTRONICS INC.
EPC1110HN2
* Designed for Low Common Mode Noise * * Regulated with Enable Low * * 65% Efficiency at Full Load * * Input Filter to Reduce Input Ripple Current * * Input/Output Isolation : 2000 Vrms *
Electrical Specifications
Parameters Input Voltage Output Voltage Output Current Output Ripple & Noise @ 20 MHz BW --Min. 4.5 --------Typ. 5.0 -9 5% ------Max. 5.5 --120 50 --Units Volts Volts mA mV p-p ---
Block Diagram
V +in 5V 10% V -in Input Filter Push - Pull Switching Circuit Switching Transformer Rectifier Low Drop Linear Regulator Common Mode & Differential Filter V +out 9V 5% V -out
Pin Connections
V in16 15 Enable Low 14 V out+ 10 9
PCA EPC1110HN2 Date Code 5V 9V White Dot Pin 1 J
Package N2
B A
1
2
7
8
V in+
V out-
Dimensions
Dim. Min. (Inches) Max. Nom. Min. (millimeters) Max. Nom.
C E
H
D
12 16 15 14
78 10 9
G F
A B C D E F G H I J
.980 .390 -----------------
1.00 .410 .450 ---------------
.990 .400 --.700 .120 .100 .300 .025 .600 .015
24.89 25.40 25.15 9.91 10.41 10.16 --11.43 ------- 17.78 ----3.05 ----2.54 ----7.62 ----.635 ----- 15.24 ----.381
I
PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
CSC1110HN2
Rev. -
3/20/01
Product performance is limited to specified parameters. Data is subject to change without prior notice.
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC1110HN2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X